Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8580 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—7
AC Characteristics (2)
VDD = 2.4 to 3.6V, VSS = 0V, Ta = −40 to 85°C, inputs VI = 0.5VDD, outputs VO = 0.5VDD
output load capacitance CL = 100pF (tACC, tACS, tARD)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C, inputs VI = 0.5VDD, outputs VO = 0.5VDD
output load capacitance CL = 100pF (tACC, tACS, tARD)
P arameter
Symbol
Rating
Unit
min
m a x
Read cycle time
tRC
150
–
ns
Address access time
tAC C
–
150
ns
CE access time
tAC S
–
150
ns
RD access time
tARD
–
100
ns
CE output set time
tCLZ
5–
ns
CE output floating
tCHZ
–6 0
ns
RD output set time
tOLZ
5–
ns
RD output floating
tOHZ
–6 0
ns
Output hold time
tOH
10
–
ns
W r ite cycle time
tWC
150
–
ns
Chip select time
tCW
140
–
ns
Address valid to end-of-write
tAW
140
–
ns
Address setup time
tAS
0–
ns
Address hold time
tWR
0–
ns
W r ite pulsewidth
tWP
130
–
ns
Input data set time
tDW
80
–
ns
Input data hold time
tDH
0–
ns
P arameter
Symbol
Rating
Unit
min
m a x
Read cycle time
tRC
85
–
ns
Address access time
tAC C
–8 5
ns
CE access time
tAC S
–8 5
ns
RD access time
tARD
–4 5
ns
CE output set time
tCLZ
3–
ns
CE output floating
tCHZ
–3 0
ns
RD output set time
tOLZ
3–
ns
RD output floating
tOHZ
–3 0
ns
Output hold time
tOH
5–
ns
W r ite cycle time
tWC
85
–
ns
Chip select time
tCW
70
–
ns
Address valid to end-of-write
tAW
70
–
ns
Address setup time
tAS
0–
ns
Address hold time
tWR
0–
ns
W r ite pulsewidth
tWP
65
–
ns
Input data set time
tDW
35
–
ns
Input data hold time
tDH
0–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com