Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSW-FSG-PCN Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DSW-FSG-PCN
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSW-FSG-PCN Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DSW-FSG-PCN Datasheet HTML 1Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 2Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
28/04/2015 V1.0
5
W2
X1
X2
1400.0 ... 1800.0
1800.0 ... 2240.0
2240.0 ... 2850.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.
InGaN White : DSW-FSG
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com