Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSW-FSG-PCN Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DSW-FSG-PCN
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSW-FSG-PCN Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DSW-FSG-PCN Datasheet HTML 1Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 2Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSW-FSG-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
28/04/2015 V1.0
1
Features:
> High brightness surface mount LED.
> Designed for sideway illumination.
> 120° viewing angle.
> Small package outline.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Qualified based on AEC-Q101 Standard.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Right Angle DomiLEDTM
InGaN White : DSW-FSG
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANT
Opto Technologies
Innovating Illumination
TM
Carrier Tape Change for all Right Angle DomiLED DSx
Product Change Notice issued on 18 May 2015.


Similar Part No. - DSW-FSG-PCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSW-210 ETC2-DSW-210 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
DSW-210 ETC1-DSW-210 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-212 ETC2-DSW-212 Datasheet
341Kb / 3P
PRINTED CIRCUIT TRANSFORMERS
DSW-212 ETC1-DSW-212 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-2120 ETC1-DSW-2120 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - DSW-FSG-PCN

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDT-TJS DOMINANT-DDT-TJS Datasheet
1,012Kb / 12P
High brightness surface mount LED
DDW-CRG DOMINANT-DDW-CRG Datasheet
1Mb / 15P
High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
High brightness surface mount LED
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
High brightness surface mount LED
DDX-XJS-I21 DOMINANT-DDX-XJS-I21 Datasheet
1Mb / 13P
High brightness surface mount LED.
DDX-XRS-I2 DOMINANT-DDX-XRS-I2 Datasheet
1Mb / 12P
High brightness surface mount LED
DDZB-DJG-1-I1 DOMINANT-DDZB-DJG-1-I1 Datasheet
1Mb / 16P
High brightness surface mount LED
DNW-CJG-I1 DOMINANT-DNW-CJG-I1 Datasheet
1Mb / 18P
High brightness surface mount LED
DNZB-CJG DOMINANT-DNZB-CJG Datasheet
919Kb / 14P
High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com