Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAW-PSC Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # MAW-PSC
Description  Super high brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAW-PSC Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  MAW-PSC Datasheet HTML 1Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 2Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 3Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 4Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 5Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
03/03/2014 V2.0
3
DOMINANT
Opto Technologies
Innovating Illumination
TM
MAW-PSC, White Color Grouping
100 InGaN White: MAW-PSC
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
White Bin Structure
Bin
2A
2B
2C
2D
2E
2F
1A
1B
1C
1D
1E
1F
0.3320
0.3565
0.3319
0.3446
0.3263
0.3513
0.3267
0.3399
0.3207
0.3462
0.3215
0.3353
0.3146
0.3422
0.3158
0.3317
0.3087
0.3363
0.3103
0.3263
0.3028
0.3304
0.3048
0.3209
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3376
0.3616
0.3371
0.3493
0.3320
0.3565
0.3319
0.3446
0.3263
0.3513
0.3267
0.3399
0.3206
0.3481
0.3213
0.3371
0.3146
0.3422
0.3158
0.3317
0.3087
0.3363
0.3103
0.3263
0.3371
0.3493
0.3366
0.3369
0.3319
0.3446
0.3318
0.3327
0.3267
0.3399
0.3270
0.3285
0.3213
0.3371
0.3221
0.3261
0.3158
0.3317
0.3170
0.3212
0.3103
0.3263
0.3119
0.3162
0.3319
0.3446
0.3318
0.3327
0.3267
0.3399
0.3270
0.3285
0.3215
0.3353
0.3222
0.3243
0.3158
0.3317
0.3170
0.3212
0.3103
0.3263
0.3119
0.3162
0.3048
0.3209
0.3068
0.3113
1
2
3
4
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
0.3600
0.3700
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
BBL
2A
2B
2C
2D
2E
2F
1A
1B
1C
1D
1E
1F
5700K
6500K
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
Dominant color coordinate is measured with an accuracy of ± 0.01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com