Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAW-PSC Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # MAW-PSC
Description  Super high brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAW-PSC Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button MAW-PSC Datasheet HTML 4Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 5Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 9Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 10Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 11Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
03/03/2014 V2.0
8
Taping and orientation
• Reels come in quantity of 1000 units.
• Reel diameter is 180 mm.
DOMINANT
Opto Technologies
Innovating Illumination
TM
100 InGaN White: MAW-PSC
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 2 of 2
New
4. Reason for change:
The pocket dimensions are changed to ensure optimum fitting.
5. Target conversion date:
Samples with new carrier tape will be available upon request.
New carrier tape will be used for manufacturing for lots taped beginning of Aug 15th 2013.
Note : Any questions or requests for additional information should be directed to our Sales personnel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com