Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS3201P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRS3201P
Description  Schottky Fast Soft-Recovery Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201P Datasheet(HTML) 1 Page - ON Semiconductor

  MBRS3201P Datasheet HTML 1Page - ON Semiconductor MBRS3201P Datasheet HTML 2Page - ON Semiconductor MBRS3201P Datasheet HTML 3Page - ON Semiconductor MBRS3201P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 0
1
Publication Order Number:
MBRS3201P/D
MBRS3201P
200V, 3A Schottky
Fast Soft-Recovery
Power Rectifier
SMC Power Surface Mount Package
Features
• Lower Forward Voltage than any Ultrafast Rectifier:
VF < 0.59 V at 150
°C
• Fast Switching Speed: Reverse Recovery Time (tRR) < 35 ns
• Soft Recovery Characteristics: Softness Factor (tb/ta) ≥ 1
• Highly Stable Over Temperature
• These are Pb−Free Packages
Benefits
• Significantly Reduced EMI
• Eliminates the Need of Snubber Circuits
• Low Switching and Heat Losses
• Improved Thermal Management
Applications
• Engine and Convenience Control Systems
• Motor Controls
• Battery Chargers and Switching Power Supplies
Mechanical Characteristics
• Small Compact Surface Mount Package with J-Bend Leads
• Rectangular Package for Automated Handling
• Weight: 217 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• ESD Ratings:
♦ Machine Model = A
♦ Human Body Model = 1C
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Maximum for 10 Seconds
• Cathode Polarity Band
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
SCHOTTKY RECTIFIER
3 AMPS, 200 VOLTS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS3201PT3G
SMC
(Pb−Free)
2500 /
Tape & Reel
B321
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
(Note: Microdot may be in either location)
SMC
CASE 403AC
AYWW
B3x
G
G


Similar Part No. - MBRS3201P

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MBRS3201 EIC-MBRS3201 Datasheet
94Kb / 2P
SCHOTTKY FAST SOFTRECOVERY RECOVERY POWER RECTIFIER
logo
ON Semiconductor
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results

Similar Description - MBRS3201P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
Fast Soft Recovery Rectifier
24-Jun-98
S414D VISHAY-S414D Datasheet
36Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
logo
ON Semiconductor
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
MBRS4201P ONSEMI-MBRS4201P Datasheet
61Kb / 5P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com