Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3710 Datasheet(PDF) 13 Page - ON Semiconductor

Part # R3710
Description  Preconfigured DSP System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3710 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button R3710 Datasheet HTML 9Page - ON Semiconductor R3710 Datasheet HTML 10Page - ON Semiconductor R3710 Datasheet HTML 11Page - ON Semiconductor R3710 Datasheet HTML 12Page - ON Semiconductor R3710 Datasheet HTML 13Page - ON Semiconductor R3710 Datasheet HTML 14Page - ON Semiconductor R3710 Datasheet HTML 15Page - ON Semiconductor R3710 Datasheet HTML 16Page - ON Semiconductor R3710 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RHYTHM R3710
www.onsemi.com
13
Mode 3: Static Switch on MS1 and MS2
This mode uses two static switches to change memories.
Table 8 describes which memory is selected depending on
the state of the switches.
In this mode, it is possible to jump from any memory to
any other memory simply by changing the state of both
switches. If both switches are changed simultaneously, then
the transition is smooth. Otherwise, if one switch is changed
and then the other, the part transitions to an intermediate
memory before reaching the final memory. The part starts in
whatever memory the switches are selecting. If a memory is
invalid, the part defaults to memory A.
This mode is set by programming the ‘MSSMode’
parameter to ‘static’ and ‘Donly’ to ‘disabled’.
Table 8. MEMORY SELECTED BY STATIC SWITCH
ON MS1 AND MS2 MODE; (EXAMPLE WITH FOUR
VALID MEMORIES)
MS1
MS2
Memory
OPEN
OPEN
A
CLOSED
OPEN
B (if valid, otherwise A)
OPEN
CLOSED
C (if valid, otherwise A)
CLOSED
CLOSED
D (if valid, otherwise A)
Mode 4: Static Switch on MS1, Static Switch on MS2
(Jump to Last Memory)
This mode uses two static switches to change memories.
Unlike in the previous example, this mode will switch to the
last valid memory when the static switch on MS2 is
CLOSED. This means that this mode will only use a
maximum of three memories (even if four valid memories
are programmed). Table 9 describes which memory is
selected depending on the state of the switches.
This mode is set by programming the ‘MSSMode’
parameter to ‘static’ and ‘Donly’ to ‘enabled’.
Table 9. MEMORY SELECTED BY STATIC SWITCH
ON MS1, STATIC SWITCH ON MS2 (JUMP TO LAST
MEMORY) MODE
MS1
MS2
Memory
OPEN
OPEN
A
CLOSED
OPEN
B (if valid, otherwise A)
OPEN
CLOSED
D
CLOSED
CLOSED
D
In this mode, it is possible to jump from any memory to
any other memory simply by changing the state of both
switches. If both switches are changed simultaneously, then
the transition is smooth. Otherwise, if one switch is changed
and then the other, the part transitions to an intermediate
memory before reaching the final memory.
When MS2 is CLOSED, the state of the switch on MS1 is
ignored. This prevents memory select beeps from occurring
if switching MS1 when MS2 is CLOSED. The part starts in
whatever memory the switches are selecting. If a memory is
invalid, the part defaults to memory A. The part starts in
whatever memory the switches are selecting. If a memory is
invalid, the part defaults to memory A.
AGC−O and Peak Clipper
The output compression−limiting block (AGC−O) is an
output limiting circuit whose compression ratio is fixed at
∞ : 1. The threshold level is programmable. The AGC−O
module has programmable attack and release time
constants.
The AGC−O on R3710 has optional adaptive release
functionality. When this function is enabled, the release time
varies depending on the environment. In general terms, the
release time becomes faster in environments where the
average level is well below the threshold and only brief
intermittent transients exceed the threshold.
Conversely, in environments where the average level is
close to the AGC−O threshold, the release time applied to
portions of the signal exceeding the threshold is longer. The
result is an effective low distortion output limiter that clamps
down very quickly on momentary transients but reacts more
smoothly in loud environments to minimize compression
pumping artifacts. The programmed release time is the
longest release time applied, while the fastest release time is
16 times faster. For example, if a release time of 128 ms is
selected, the fastest release time applied by the AGC−O
block is 8 ms.
R3710 also includes the Peak Clipper block for added
flexibility.
Memory Switch Fader
To minimize potential loud transients when switching
between memories, R3710 uses a memory switch fader
block. When the memory is changed, the audio signal is
faded out, followed by the memory select acoustic indicators
(if enabled), and after switching to the next memory, the
audio signal is faded back in. The memory switch fader is
also used when turning the Tone Generator on or off, and
during SDA programming.
Power Management
R3710 has three user−selectable power management
schemes to ensure the hearing aid turns off gracefully at the
end of battery life. Shallow reset, Deep reset and Advanced
Reset mode. It also contains a programmable power on reset
delay function.
Power On Reset Delay
The programmable POR delay controls the amount of
time between power being connected to the hybrid and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com