Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3710 Datasheet(PDF) 2 Page - ON Semiconductor

Part # R3710
Description  Preconfigured DSP System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R3710 Datasheet(HTML) 2 Page - ON Semiconductor

  R3710 Datasheet HTML 1Page - ON Semiconductor R3710 Datasheet HTML 2Page - ON Semiconductor R3710 Datasheet HTML 3Page - ON Semiconductor R3710 Datasheet HTML 4Page - ON Semiconductor R3710 Datasheet HTML 5Page - ON Semiconductor R3710 Datasheet HTML 6Page - ON Semiconductor R3710 Datasheet HTML 7Page - ON Semiconductor R3710 Datasheet HTML 8Page - ON Semiconductor R3710 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RHYTHM R3710
www.onsemi.com
2
Other Key Features − R3710 also supports the following
features: cross fading between audio paths for click−free
program changes, 16−band graphic equalizer, 8 generic
biquad filters (configurable as parametric or other filter
types), programming speed enhancements, optional peak
clipping,
flexible
compression
adjustments,
direct
interfaces to analog or digital volume control, rocker switch,
direct audio input and telecoil. R3710 also encompasses
industry−leading security features to avoid cloning and
software piracy.
Features
• Advanced Research Algorithms:
♦ iSceneDetect Environmental Classification
♦ 128−band Adaptive Noise Reduction
♦ Adaptive Feedback Cancellation (AFC)
• iLog 6.0 Datalogging
• Tinnitus Masking Noise Generator
• Evoke Acoustic Indicators
• 1, 2, 4, 6 or 8 Channel WDRC
• AGC−O with Variable Threshold, Time Constants, and
Optional Adaptive Release
• 16−band Graphic Equalizer
• Narrow−Band Noise Stimulus
• SDA or I2C Programming
• 8 Biquadratic Filters
• 2 Analog Inputs
• 16 kHz or 8 kHz Bandwidth
• 4 Fully Configurable Memories with Audible Memory
Change Indicator
• 96 dB Input Dynamic Range with HRXt Headroom
Extension
• 128−bit Fingerprint Security System and Other Security
Features to Protect Against Device Cloning and
Software Piracy
• High Fidelity Audio CODEC
• Soft Acoustic Fade between Memory Changes
• Drives Zero−Bias 2−Terminal Receivers
• Internal or External Digital Volume Control with
Programmable Range
• Rocker Switch Support
• Support for Active Hi or Active Lo Switching
• 20−bit Audio Processing
• thinSTAX™ Packaging
• E1 RoHS Compliant Hybrid
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
thinSTAX Packaging
• Hybrid Typical Dimensions:
0.180 x 0.123 x 0.060 in. (nominal)
(4.57 x 3.12 x 1.52 mm)
Figure 1. Hybrid Block Diagram
Noise Reduction (128 bands)
Graphic EQ (16 bands)
128 bands
WDRC (1,2,4,6 or 8 channels)
ACOUSTIC
INDICATORS
AND SHAPER
NOISE GENERATOR
RHYTHM R3710
CROSS
FADER
S
S
BLOCK DIAGRAM
PEAK
CLIPPER
D/A
HBRIDGE
FEEDBACK
CANCELLER
POST
BIQUAD
FILTERS
3 & 4
VOLTAGE
REGULATOR
M
U
X
A/D
PRE
BI Q UA D
FILTERS
AGCO
VOLUME
CONTROL
WIDEBAND
GAIN
CONTROL
A/D
POST
BIQUAD
FILTERS
1 & 2
CONTROL
(MS/DIGVC)
ENVIRONMENTAL
CLASSIFICATION
FREQUENCY
BA N D
SYNTHESIS
DATA
LOGGING
EEPROM
CLOCK
GENERATOR
PROGRAMMING
INTERFACE
FREQUENCY
BA N D
ANALYSIS
POR
CIRCUITRY
9
5
6
13
4
12
3
7
GND1
8
GND2
14
NC
OUT+
OUT−
VC
DVC
MS1
MS2
VB
16
2
1
15
11
10
VREG
VIN1
VIN2
MGND
SDA
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com