Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS502MILFT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS502MILFT
Description  Packaged as 8-pin SOIC or die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS502MILFT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS502MILFT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOCO™ PLL CLOCK MULTIPLIER
ICS502
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
1
ICS502
REV M 051310
Description
The ICS502 LOCOTM is the most cost effective way to
generate a high-quality, high-frequency clock output and a
reference from a lower frequency crystal or clock input. The
name LOCO stands for Low Cost Oscillator, as it is
designed to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques, the
device uses a standard fundamental mode, inexpensive
crystal to produce output clocks up to 160 MHz.
Stored in the chip’s ROM is the ability to generate six
different multiplication factors, allowing one chip to output
many common frequencies (see table on page 2).
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed. For
applications which require defined input to output skew, use
the ICS570B.
Features
• Packaged as 8-pin SOIC or die
• Pb (lead) free package
• IDT’s lowest cost PLL clock
• Zero ppm multiplication error
• Easy to cascade with ICS5xx series
• Input crystal frequency of 5 – 27 MHz
• Input clock frequency of 2 – 50 MHz
• Output clock frequencies up to 190 MHz
• Low jitter – 50 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55 up to 160 MHz
• Operating voltages of 3.0 to 5.5 V
• 25 mA drive capability at TTL levels
• Industrial temperature version available
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
M ultiplier
Circuitry and
ROM
Crystal or
Clock input
VDD
Crystal
O Scillator
S1, S0
X1/ICLK
X2
2
CLK
REF
GND


Similar Part No. - ICS502MILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS502MI ICST-ICS502MI Datasheet
66Kb / 4P
LOCO??PLL Clock Multiplier
Revision 111000
ICS502MIT ICST-ICS502MIT Datasheet
66Kb / 4P
LOCO??PLL Clock Multiplier
Revision 111000
More results

Similar Description - ICS502MILFT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Integrated Device Techn...
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
Packaged in 16-pin SOIC
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
Packaged as 28-pin SSOP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com