Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS502MILFT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS502MILFT
Description  Packaged as 8-pin SOIC or die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS502MILFT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS502MILFT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS502MILFT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS502
REV M 051310
AC Electrical Characteristics
VDD = 5.0 V ±5%
, Ambient Temperature -40 to +85
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
0 to +70
° C
14
160
MHz
Output Frequency, VDD = 3.0 to 3.6V
-40 to +85
° C
14
120
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
+25
° C
14
190
MHz
Output Frequency, VDD = 3.0 to 3.6V
+25
° C
14
140
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0V
1
ns
Output Clock Duty Cycle
tOD
1.5V, up to 160 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from mean
+70
ps
One Sigma Clock Period Jitter
tjs
25
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com