Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4201 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
[AP4201]
015008157-E-00
- 7 -
2015/09
20
LEDR7
Same as 17-pin
R7 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
21
LEDG7
Same as 17-pin
G7 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
22
LEDB7
Same as 17-pin
B7 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
23
LEDR6
Same as 17-pin
R6 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
24
LEDG6
Same as 17-pin
G6 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
25
LEDB6
Same as 17-pin
B6 pin which connect to LED cathode.
Current
source/open drain output. Control the internal MONFET
to drive LED with lighting setting.
26
LEDR5
Same as 17-pin
R5 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
27
LEDG5
Same as 17-pin
G5 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
28
LEDB5
Same as 17-pin
B5 pin (connect to LED cathode).Current source/open
drain output. Control the internal MON-FET to drive LED
with lighting setting.
29
LEDR4
Same as 17-pin
R4 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
lighting setting.
30
PGND
-
Ground pin for LED current.
31
PGND
-
Ground pin for LED current.
32
LEDG4
Same as 17-pin
G4 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
lighting setting.
33
LEDB4
Same as 17-pin
B4 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
34
LEDR3
Same as 17-pin
R3 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
35
LEDG3
Same as 17-pin
G3 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
36
LEDB3
Same as 17-pin
B3 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
37
LEDR2
Same as 17-pin
R2 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com