Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4201 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
[AP4201]
015008157-E-00
- 8 -
2015/09
38
LEDG2
Same as 17-pin
G2 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting
39
LEDB2
Same as 17-pin
B2 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
40
LEDR1
Same as 17-pin
B2 pin (connect to LED cathode).Current source/open
41
LEDG1
Same as 17-pin
G1 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
42
LEDB1
Same as 17-pin
B1 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
43
LEDR0
Same as 17-pin
R0 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
44
LEDG0
Same as 17-pin
G0 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
45
LEDB0
Same as 17-pin
B0 pin (connect to LED cathode).Current source/open
drain output. Control the internal MONFET to drive LED
with lighting setting.
46
A0
VDC1
VDC1
IC address input pin 0 (Built in 100kΩ pull-up resistor)
Configure by connecting to GND or OPEN.
47
A1
VDC1
VDC1
IC address input pin 1 (Built in 100kΩ pull-up resistor)
Configure by connecting to GND or OPEN.
48
A2
VDC1
VDC1
IC address input pin 2 (Built in 100kΩ pull-up resistor)
Configure by connecting to GND or OPEN.
Note 1. Handling of unused pins. (complementary): Set all unused pins open when the either interface for LED
gradation data is selected. There is no need to connect unused pin to GND. Since No. 3~5 pins are always
used, the circuit for unused status is not built-in to these pins. It is necessary to control these pins to not
become Hi-Z state while the power is supplied.
Note 2. The PGND pin and the GND pin are not connected internally. Therefore these pins must be connected
externally.
Note 3.
symbol means high voltage tolerance MOS, the pin with this MOS can tolerate high voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com