Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C01N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4C01N
Description  Single N-Channel Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C01N Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4C01N Datasheet HTML 1Page - ON Semiconductor NTMFS4C01N Datasheet HTML 2Page - ON Semiconductor NTMFS4C01N Datasheet HTML 3Page - ON Semiconductor NTMFS4C01N Datasheet HTML 4Page - ON Semiconductor NTMFS4C01N Datasheet HTML 5Page - ON Semiconductor NTMFS4C01N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS4C01N
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
2.8 V
3.0 V
3.2 V
3.4 V
3.6 V
VGS = 2.6 V
VDS = 3 V
TJ = 25°C
TJ = −55°C
TJ = 150°C
ID = 30 A
TJ = 25°C
VGS = 10 V
VGS = 4.5 V
TJ = 25°C
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.5 V
10 V
0
50
100
150
200
250
300
350
400
1.5
2
2.5
3
3.5
4
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
3456
789
10
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
50
100
150
200
250
300
350 400
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0.6
0.8
1.4
1.8
1.0
1.2
1.6
VGS = 10 V
ID = 30 A
150
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 85°C
TJ = 125°C
TJ = 100°C
10
100
1000
10000
100000
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com