Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C01N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4C01N
Description  Single N-Channel Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C01N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4C01N Datasheet HTML 1Page - ON Semiconductor NTMFS4C01N Datasheet HTML 2Page - ON Semiconductor NTMFS4C01N Datasheet HTML 3Page - ON Semiconductor NTMFS4C01N Datasheet HTML 4Page - ON Semiconductor NTMFS4C01N Datasheet HTML 5Page - ON Semiconductor NTMFS4C01N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMFS4C01N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1
0.1
10
100
1k
10k
100k
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
QG, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (W)
140
20
0
0
1
6
12
100
10
1
0.1
10
1000
10
100
100
QT
VDS = 15 V
ID = 30 A
TJ = 25°C
QGS
QGD
VGS = 0 V
TJ = 25°C
f = 1 MHz
CRSS
COSS
CISS
40
60
80
100
120
2
3
4
5
11
7
8
9
10
VDS
VGS
0
6
3
18
9
12
15
VGS = 4.5 V
VDD = 15 V
ID = 15 A
td(off)
td(on)
tr
tf
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1.0
0.8
0.6
0.4
0.3
0.1
1
10
100
1000
0.5
0.7
0.9
TJ = 25°C
TJ = −55°C
TJ = 150°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
1
10
100
1000
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
100 ms
1 ms
10 ms
VGS ≤ 10 V
TC = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com