Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC272 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SVC272
Description  Monolithic dual Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC272 Datasheet(HTML) 1 Page - ON Semiconductor

  SVC272 Datasheet HTML 1Page - ON Semiconductor SVC272 Datasheet HTML 2Page - ON Semiconductor SVC272 Datasheet HTML 3Page - ON Semiconductor SVC272 Datasheet HTML 4Page - ON Semiconductor SVC272 Datasheet HTML 5Page - ON Semiconductor SVC272 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91212 TKIM/71504 VB TSIM TA-100827 No.7680-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SVC272
Varactor Diode
Monolithic dual Varactor Diode for FM Tunin
14V, 50nA, CR=2.3, Q=150, MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Twin type varactor diode with good large-signal characteristics for FM receiver electronic tuning use
Small package permits SVC272-applied sets to be compact and slim
Can be also provieded in tape reel package thereby automatic insertion is supported
High Quality Factor
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7019A-002
Ordering number : EN7680A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
V2
TL
SVC272-TL-E
1
3
2


Similar Part No. - SVC272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
SVC272-TL-E SANYO-SVC272-TL-E Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
More results

Similar Description - SVC272

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC236 ONSEMI-SVC236 Datasheet
282Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC270 ONSEMI-SVC270 Datasheet
332Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC276 ONSEMI-SVC276 Datasheet
330Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com