Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3125IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3125IPWPR
Description  Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3125IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3125IPWPR Datasheet HTML 17Page - Texas Instruments THS3125IPWPR Datasheet HTML 18Page - Texas Instruments THS3125IPWPR Datasheet HTML 19Page - Texas Instruments THS3125IPWPR Datasheet HTML 20Page - Texas Instruments THS3125IPWPR Datasheet HTML 21Page - Texas Instruments THS3125IPWPR Datasheet HTML 22Page - Texas Instruments THS3125IPWPR Datasheet HTML 23Page - Texas Instruments THS3125IPWPR Datasheet HTML 24Page - Texas Instruments THS3125IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
+V
S
-VS
-VS
5.11 W
R
F
2R
G
+V
S
+V
S
-VS
5.11 W
R
F
1nF
+V
S
R
G
24.9 W
+V
S
-VS
5.11 W
R
F
R
G
24.9 W
+V
S
-VS
5.11 W
R
F
THS3122, THS3125
www.ti.com
SLOS382E – SEPTEMBER 2001 – REVISED MAY 2015
Application Information (continued)
Figure 46 shows a configuration that uses two amplifiers in parallel to double the output drive current to larger
capacitive loads. This technique is used when more output current is needed to charge and discharge the load
faster as when driving large FET transistors.
Figure 46. Parallel Amplifiers For Higher Output Drive
Figure 47 shows a push-pull FET driver circuit typical of ultrasound applications with isolation resistors to isolate
the gate capacitance from the amplifier.
Figure 47. Powerfet Drive Circuit
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: THS3122 THS3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com