Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3125IPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3125IPWPR
Description  Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3125IPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3125IPWPR Datasheet HTML 9Page - Texas Instruments THS3125IPWPR Datasheet HTML 10Page - Texas Instruments THS3125IPWPR Datasheet HTML 11Page - Texas Instruments THS3125IPWPR Datasheet HTML 12Page - Texas Instruments THS3125IPWPR Datasheet HTML 13Page - Texas Instruments THS3125IPWPR Datasheet HTML 14Page - Texas Instruments THS3125IPWPR Datasheet HTML 15Page - Texas Instruments THS3125IPWPR Datasheet HTML 16Page - Texas Instruments THS3125IPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
−3
−2
−1
0
1
2
3
0
100
200
300
400
500
600
t − Time − ns
VCC = ±5 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
−2
−1
0
1
2
3
0
100
200
300
400
500
600
−3
t − Time − ns
VCC = ±15 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
100
200
300
400
500
600
t − Time − ns
VCC = ±5 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
100
200
300
400
500
600
t − Time − ns
VCC = ±15 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
t − Time − ns
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0
100
200
300
400
500
600
t − Time − ns
VCC = ±5 V,
G = 2,
RF = 470 Ω,
RL = 50 Ω
THS3122, THS3125
www.ti.com
SLOS382E – SEPTEMBER 2001 – REVISED MAY 2015
Typical Characteristics (continued)
Figure 31. Differential Phase and Gain Error vs 75-
Ω
Figure 32. THS3125 Shutdown Response
Serially-Terminated Loads
Figure 33. THS3125 Shutdown Response
Figure 34. Small-Signal Pulse Response
Figure 36. Large-Signal Pulse Response
Figure 35. Large-Signal Pulse Response
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: THS3122 THS3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com