Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C08 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C08 Datasheet HTML 1Page - Zilog, Inc. Z86C08 Datasheet HTML 2Page - Zilog, Inc. Z86C08 Datasheet HTML 3Page - Zilog, Inc. Z86C08 Datasheet HTML 4Page - Zilog, Inc. Z86C08 Datasheet HTML 5Page - Zilog, Inc. Z86C08 Datasheet HTML 6Page - Zilog, Inc. Z86C08 Datasheet HTML 7Page - Zilog, Inc. Z86C08 Datasheet HTML 8Page - Zilog, Inc. Z86C08 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Z86C04/C08
Zilog
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
DS97DZ80502
P R E L I M I N A R Y
3
1
PIN DESCRIPTIONS
Figure 2. 18-Pin DIP Configuration
1
2
9
3
4
5
6
7
8
18
17
16
15
14
13
12
11
10
P23
P22
P33
P21
P20
GND
P02
P01
P00
P24
P25
P32
P26
P27
VCC
XTAL2
XTAL1
P31
DIP
Table 1: 18-Pin DIP and SOIC Pin Identification
Pin #
Symbol
Function
Direction
1-4
5
6
7
8
P24-P27
V
CC
XTAL2
XTAL1
P31
Port 2, Pins 4, 5, 6, 7
Power Supply
Crystal Oscillator Clock
Crystal Oscillator Clock
Port 3, Pin 1, AN1
In/Output
Output
Input
Input
9
10
11-13
14
15-18
P32
P33
P00-P02
GND
P20-P23
Port 3, Pin 2, AN2
Port 3, Pin 3, REF
Port 0, Pins 0, 1, 2
Ground
Port 2, Pins 0, 1, 2, 3
Input
Input
In/Output
In/Output
Figure 3. 18-Pin SOIC Pin Configuration
1
18
P24
P27
Vcc
XTAL2
XTAL1
P31
P32
P23
P22
P21
P20
GND
P02
P01
P00
P33
SOIC
P25
P26
2
3
4
5
6
7
8
9
17
16
15
14
13
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com