Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENP7000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ENP7000
Description  specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP7000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ENP7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
2.2 LOAD RANGE
2.2.1 ENP7000( 200 Watts)
Parameter
Min
Nom.
Max
Peak
Unit
+3.3V
0.1
-
13
Amps
+5V
0.2
-
14
Amps
+12V1
0.6
-
14
16
Amps
+12V2
0.6
-
14
16
Amps
-12V
0.0
-
0.3
Amps
+5VSb
0.0
-
2
2.5
Amps
Notes:
( 1 ) +5VSb is a SELV standby voltage that is always present when AC mains voltage is present.
( 2 ) The maximum combined load on +5V and +3.3V outputs shall not exceed 80W
( 3 ) The maximum continuous average DC outputs power shall not exceed 200W
( 4 ) The maximum peak total DC outputs power shall not exceed 220W
( 5 ) When +12V load is 14A,the Min load of +5V is 2A.
( 6 ) +12V total DC output power shall not exceed 176W
(7) Peak total output power not to exceed 12 seconds in duration .
2.2.2 ENP7000( 220 Watts)
Parameter
Min
Nom.
Max
Peak
Unit
+3.3V
0.1
-
13
Amps
+5V
0.2
-
14
Amps
+12V1
0.6
-
16
18
Amps
+12V2
0.6
-
16
18
Amps
+12V2
0.6
16
18
Amps
-12V
0.0
-
0.3
Amps
+5VSb
0.0
-
2
2.5
Amps
Notes:
( 1 ) +5VSb is a SELV standby voltage that is always present when AC mains voltage is present.
( 2 ) The maximum combined load on +5V and +3.3V outputs shall not exceed 80W
( 3 ) The maximum continuous average DC outputs power shall not exceed 220W
( 4 ) The maximum peak total DC outputs power shall not exceed 240W
( 5 ) When +12V load is 14A,the Min load of +5V is 2A.
( 6 ) +12V total DC output power shall not exceed 200W
(7) Peak total output power not to exceed 12 seconds in duration .
AUDIT:________李 復 新 _______CHECK:______________DESIGN:___
ENP7000 80Plus S SPEC REV: 4 0
2 OF 10
2009/2/9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com