Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENP7000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ENP7000
Description  specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP7000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ENP7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
This specification describes the requirements of 200,220,250,275Watts with full range voltage,
275W with 230Vac only voltage switching power supply with an FLEX-ATX form-factor and
TFX 12V,+5V standby voltage,remote on/off .
1. AC INPUT
1.1 AC input requirements
The input voltage, current, and frequency requirements for continuous
operation are stated below.
Table 1 AC Input Line Requirements
Parameter
Min
Nom.
Max
Unit
Vin
90
100 -
240
264
VACrms
Vin Frequency
47
63
Hz
Iin(200,220W)
31.3
A
Iin(250W)
3.5
1.5
A
Parameter
Min
Nom.
Max
Unit
Vin
180
200
240
264
VACrms
Vin Frequency
47
63
Hz
Iin(275W)
A
Power factor correction (PF)>0.95 at full load.
MODEL NO. ENP7000 SERIES (ACTIVE PFC)
2
1.2 Inrush current regulation
2. DC OUTPUT
2.1 DC voltage regulation
Parameter
Range
Min
Nom.
Max
Unit
+3.3V
±5%
+3.14
+3.3
+3.47
Volts
+5V
±5%
+4.75
+5.0
+5.25
Volts
+12V1
±5%
+11.4
+12.0
+12.6
Volts
+12V2
±5%
+11.4
+12.0
+12.6
Volts
-12V
±10%
-10.8
-12.0
-13.2
Volts
+5VSb
±5%
+4.75
+5.0
+5.25
Volts
1.At no load,3.3V output +/-5% regulation limits do not apply.
2.At +12V surge, regulation can go to +/-10%.
The power supply must meet inrush requirements for any rated AC voltage, during turn on at any phase
of AC voltage, during a single cycle AC dropout condition, during repetitive ON/OFF cycling of AC,
and over the specified temperature range (Top). The peak inrush current shall be less than the ratings
of its critical components (including input fuse, bulk rectifiers, and surge limiting device).
AUDIT:________李 復 新 _______CHECK:______________DESIGN:___
ENP7000 80Plus S SPEC REV: 4 0
1 OF 10
2009/2/9


Similar Part No. - ENP7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
More results

Similar Description - ENP7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATX0200 ETC2-ATX0200 Datasheet
268Kb / 11P
specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
ENA-0806 ETC2-ENA-0806 Datasheet
117Kb / 4P
specification describes the requirements of 60 watts switching power supply
ENH0800A ETC2-ENH0800A Datasheet
181Kb / 7P
specification describes the requirements of 400W watts switching power supply
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
specification describes the requirements of 40 watts switching power supply
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
Specification describes the requirements of 125/150/160Watts switching Power supply
ENP7200 ETC2-ENP7200 Datasheet
320Kb / 8P
This specification describes the requirements of 200/300/350Watt with full range voltage,switching power supply
ENS0575 ETC2-ENS0575 Datasheet
229Kb / 8P
This specification describes the requirements of 650W/750Watts switching power
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
specification describes the requirements of 200,220,250,275Watts
logo
Mean Well Enterprises C...
PLM-25 MEANWELL-PLM-25 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-40 MEANWELL-PLM-40 Datasheet
153Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com