Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89167 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z89167 Datasheet HTML 5Page - Zilog, Inc. Z89167 Datasheet HTML 6Page - Zilog, Inc. Z89167 Datasheet HTML 7Page - Zilog, Inc. Z89167 Datasheet HTML 8Page - Zilog, Inc. Z89167 Datasheet HTML 9Page - Zilog, Inc. Z89167 Datasheet HTML 10Page - Zilog, Inc. Z89167 Datasheet HTML 11Page - Zilog, Inc. Z89167 Datasheet HTML 12Page - Zilog, Inc. Z89167 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
Notes:
*
Voltage on all pins with respect to GND.
†
See Ordering Information.
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage (*)
–0.3
+7.0
V
T
STG
Storage Temp
–65
°
+150
°
C
T
A
Oper Ambient Temp
†
C
Power Dissipation
2.2
W
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for an extended
period may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load
Diagram).
+5V
From Output
Under Test
150 pF
9.1 k
Ω
2.1 k
Ω
Test Load Diagram
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins to GND.
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
DC ELECTRICAL CHARACTERISTICS
V
CC
T
A = 0°C to +70°C
Typical
Sym
Parameter
Note [1]
Min
Max
@ 25
°C
Units
Notes
I
CC
Supply Current
5.0 V
65
40
mA
I
CC1
Halt Mode Current
5.0 V
20
6
mA
I
CC2
Stop Mode Current
[2]
Notes:
[1] 5.0V
± 0.5V.
[2] The typical Stop Mode Current value is 500
µA. The transient characteristics of the Stop Mode Current will vary according to the application and
should be validated in the specific application by the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com