Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89167 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z89167 Datasheet HTML 1Page - Zilog, Inc. Z89167 Datasheet HTML 2Page - Zilog, Inc. Z89167 Datasheet HTML 3Page - Zilog, Inc. Z89167 Datasheet HTML 4Page - Zilog, Inc. Z89167 Datasheet HTML 5Page - Zilog, Inc. Z89167 Datasheet HTML 6Page - Zilog, Inc. Z89167 Datasheet HTML 7Page - Zilog, Inc. Z89167 Datasheet HTML 8Page - Zilog, Inc. Z89167 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
FEATURES
s
25 Expanded Register Files
s
47 Input/Output Lines (Z89165)
31 Input/Output Lines (Z89166)
43 Input/Output Lines (Core Processor)
s
Six Vectored, Prioritized Z8 Interrupts with
Programmable Polarity
s
Three Vectored, Prioritized DSP Interrupts with
Programmable Polarity
s
Two Analog Comparators
s
Two Programmable Z8 8-Bit Counter/Timers,
Each with Two 6-Bit Programmable Prescaler
s
Watch-Dog Timer /Power-On Reset
s
On-Chip Oscillator that Accepts a Crystal,
Ceramic Resonator, LC, RC, or External Clock Drive
s
RAM and ROM Protect, Low-EMI Option
CUSTOMER PROCUREMENT SPECIFICATION
s
Part
Z8 ROM
Z8 RAM*
Speed
Number
(KBytes)
(KBytes)
(MHz)
Z89165
24
236
20
Z89166
ROMless
236
20
Z89167
24
236
24
Z89168
ROMless
236
24
Z89169
32
236
24
*General-Purpose
s
Part
DSP ROM
DSP RAM
Speed
Number
(Words)
(Words)
(MHz)
Z89165
6K
512
20
Z89166
6K
512
20
Z89167
8K
512
24
Z89168
8K
512
24
Z89169
8K
512
24
s
68- and 84-Pin PLCC Packages
s
4.5- to 5.5-Volt Operating Range
s
Low-Power Consumption (200 mW Typical)
s
0
°C to +70°C Temperature Range
GENERAL DESCRIPTION
Zilog's Digital Voice Processor Controller family
combines a Z8® microcontroller and a DSP processor
on-chip for a cost-effective turnkey system in digital
telephone answering devices and other voice processing
applications.
The dual-processor architecture is loosely coupled by
mailbox registers and an interrupt system, enabling DSP or
Z8 programs to be directed by events in each other's
domain.
The Z8 microcontroller uses an expanded register file to
allow access to register-mapped peripheral and I/O
circuits for programming versatility.
The 16-bit DSP processor features a 24-bit ALU and
accumulator with single-cycle instructions, providing the
algorithm processing power necessary for telephone voice
quality.
Z89165/167/169 AND
Z89166/168 (ROMLESS)
ENHANCED DUAL-PROCESSOR
DTAD CONTROLLERS
The Z89165/166 devices offer a half-flash 8-bit A/D
converter with up to 128 kHz sample rate and a 10-bit
Pulse-Width modulator (PWM) D/A converter, eliminating
the need for an external CODEC.
The Z89167/168/169 devices feature a hardware ARAM
interface, as well as a dual-CODEC interface. A 10-bit
PWM D/A converter is also on-chip.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.:
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS


Similar Part No. - Z89167

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
Z89136 ZILOG-Z89136 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
Voice Processing Controllers
Z89175 ZILOG-Z89175 Datasheet
446Kb / 68P
Voice Processing Controllers
More results

Similar Description - Z89167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F243 TI-TMS320F243 Datasheet
1Mb / 116P
DSP CONTROLLERS
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
logo
Texas Instruments
TMS320LF2401A TI-TMS320LF2401A_09 Datasheet
1Mb / 88P
DSP CONTROLLERS
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Texas Instruments
TMS320F243 TI1-TMS320F243_15 Datasheet
1Mb / 122P
DSP CONTROLLERS
TMS320LF2407A TI1-TMS320LF2407A_14 Datasheet
1Mb / 134P
DSP CONTROLLERS
logo
SICK AG
FX3-CPU230002 SICK-FX3-CPU230002 Datasheet
371Kb / 5P
SAFETY CONTROLLERS
UE410-MU4T0 SICK-UE410-MU4T0 Datasheet
319Kb / 6P
SAFETY CONTROLLERS
UE410-XU3T0 SICK-UE410-XU3T0 Datasheet
322Kb / 6P
SAFETY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com