Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV712MM
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV712MM Datasheet(HTML) 4 Page - Texas Instruments

  LMV712MM Datasheet HTML 1Page - Texas Instruments LMV712MM Datasheet HTML 2Page - Texas Instruments LMV712MM Datasheet HTML 3Page - Texas Instruments LMV712MM Datasheet HTML 4Page - Texas Instruments LMV712MM Datasheet HTML 5Page - Texas Instruments LMV712MM Datasheet HTML 6Page - Texas Instruments LMV712MM Datasheet HTML 7Page - Texas Instruments LMV712MM Datasheet HTML 8Page - Texas Instruments LMV712MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMV712-N, LMV712-N-Q1
SNOS534I – FEBRUARY 2001 – REVISED JANUARY 2014
www.ti.com
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V
+ = 2.7V, V − = 0V, V
CM = 1.35V and TA = 25°C and RL > 1MΩ. Boldface
limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV712 and −40°C ≤T J ≤125°C for LMV712-Q1).
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
Sourcing
RL = 10kΩ
115
VO = 1.35V to 2.3V
80
dB
LMV712
76
LMV712-Q1
69
115
Sinking
RL = 10kΩ
113
VO = 0.4V to 1.35V
80
dB
LMV712
76
LMV712-Q1
69
113
AVOL
Large Signal Voltage Gain
Sourcing
RL = 600Ω
97
VO = 1.35V to 2.2V
80
dB
LMV712
76
LMV712-Q1
64
97
Sinking
RL = 600Ω
100
VO = 0.5V to 1.35V
80
dB
LMV712
76
LMV712-Q1
62
100
On Mode
2.4 to 2.7
2.0 to 2.7
V
VSD
Shutdown Pin Voltage Range
Shutdown Mode
0 to 0.8
0 to 1
V
GBWP
Gain-Bandwidth Product
5
MHz
SR
Slew Rate
(3)
5
V/µs
φm
Phase Margin
60
Deg
en
Input Referred Voltage Noise
f = 1kHz
20
nV/
√Hz
2.2
4
Turn-On Time from Shutdown
μs
4.6
TON
6
Turn-On Time from Shutdown
DSBGA
μs
8
(3)
Number specified is the slower of the positive and negative slew rates.
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V − = 0V, V
CM = 2.5V and TA = 25°C and RL > 1MΩ. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
VSSOP
0.4
3
WSON
3.2
VCM = 0.85V and
VOS
Input Offset Voltage
mV
VCM = 1.85V
DSBGA
3
7
9
LMV712
5.5
115
130
IB
Input Bias Current
pA
LMV712-Q1
3600
0V
≤ VCM ≤ 5V
50
80
CMRR
Common Mode Rejection Ratio
dB
45
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMV712-N LMV712-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com