Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV712MM
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV712MM Datasheet(HTML) 1 Page - Texas Instruments

  LMV712MM Datasheet HTML 1Page - Texas Instruments LMV712MM Datasheet HTML 2Page - Texas Instruments LMV712MM Datasheet HTML 3Page - Texas Instruments LMV712MM Datasheet HTML 4Page - Texas Instruments LMV712MM Datasheet HTML 5Page - Texas Instruments LMV712MM Datasheet HTML 6Page - Texas Instruments LMV712MM Datasheet HTML 7Page - Texas Instruments LMV712MM Datasheet HTML 8Page - Texas Instruments LMV712MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMV712-N, LMV712-N-Q1
www.ti.com
SNOS534I – FEBRUARY 2001 – REVISED JANUARY 2014
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational
Amplifier with Independent Shutdown
Check for Samples: LMV712-N, LMV712-N-Q1
1
FEATURES
APPLICATIONS
2
•
(Typical Unless Otherwise Noted)
•
Power Amplifier Control Loop
•
LMV712-N is available in Automotive AEC-
•
Cellular Phones
Q100 Grade 1 version
•
Portable Equipment
•
5MHz GBP
•
Wireless LAN
•
Slew Rate 5V/µs
•
Radio Systems
•
Low Noise 20nV/
√Hz
•
Cordless Phones
•
Supply Current 1.22mA/Channel
DESCRIPTION
The LMV712-N duals are high performance BiCMOS
•
VOS< 3mV Max
operational
amplifiers
intended
for
applications
•
Ensured 2.7V and 5V Specifications
requiring Rail-to-Rail inputs combined with speed and
•
Temperature Range -40°C to 125°C
low noise. They offer a bandwidth of 5MHz and a
slew rate of 5 V/µs and can handle capacitive loads
•
Rail-to-Rail Inputs and Outputs
of up to 200pF without oscillation.
•
Unity Gain Stable
The LMV712-N is ensured to operate from 2.7V to
•
Small Package: 10-Pin WSON, 10-Pin VSSOP
5.5V and offers two independent shutdown pins. This
and 10-Bump DSBGA
feature allows disabling of each device separately
•
1.5µA Shutdown ICC
and reduces the supply current to less than 1µA
•
2.2µs Turn On
typical. The output voltage rapidly ramps up smoothly
with no glitch as the amplifier comes out of the
shutdown mode.
The LMV712-N with the shutdown feature is offered
in space saving 10-Bump DSBGA and 10-Pin WSON
packages. It is also offered in 10-Pin VSSOP
package. These packages are designed to meet the
demands of small size, low power, and low cost
required by cellular phones and similar battery
operated portable electronics.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV712MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV712MM NSC-LMV712MM Datasheet
505Kb / 14P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
Texas Instruments
LMV712MM TI1-LMV712MM Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI1-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
More results

Similar Description - LMV712MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
logo
ON Semiconductor
MC33076 ONSEMI-MC33076_1 Datasheet
153Kb / 12P
Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com