Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS421DE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS421DE
Description  LinkStation LS421DE NAS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS421DE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS421DE Datasheet HTML 1Page - List of Unclassifed Manufacturers LS421DE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.buffalo-asia.com
About BUFFALO
BUFFALO Inc., based in Nagoya, Japan, is a leading global provider of award-winning networking, storage and multi-media solutions for the
home and small business environments as well as for system builders and integrators. With three decades of networking and computer
peripheral experience, BUFFALO has proven its commitment to delivering innovative, best-of-breed solutions that have put the company at
the forefront of infrastructure technology.
©2013 BUFFALO INC. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. LinkStation is a trademark of BUFFALO INC. Microsoft Windows and Windows logo
are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Mac and Mac OS are trademarks of Apple Inc., registered in the U.S. and other countries. The
names and logos of other companies mentioned herein belong to their respective owners.
Specifications
Internal Hard Drives
LAN Interface
LinkStation LS421DE NAS
LS421DE
USB Interface
LinkStation LS421DE
LAN cable
AC power
Quick Setup Guide
Warranty Statement
Package Contents
Protocol Support
Key Feature
DLNA Server
WebAccess
Time Machine
iTunes Server
BitTorrent Client
Web Server
Energy Save
FTP Server
MySQL
PHP
Active Directory Support
Smartphone Application
Number of Drives
Drive Interface
Supported RAID Levels
Drive Capacity
LS421DE
2
SATA II
0, 1, JBOD (Normal)
Enclosure
Networking
File Sharing
Directory Integration
TCP/IP
CIFS/SMB, AFP, HTTP/HTTPS, FTP
Active Directory
Management
HTTP/HTTPS
Time Synchronization
NTP
Others
Client OS Support
Power Consumption
Dimensions (LxWxH, mm)
Windows® 8 (32/64-bit), 7 (32/64-bit), Vista® (32/64-bit), XP
Mac OS® X 10.8, 10.7, 10.6
26W (Average), 48W (MAX)
127.5 x 87 x 205
Weight
800 g (Empty enclosure)
Operating Environment
5-35°C, 20-80% (non-condensing)
Power Supply
AC 100-240V, 50/60Hz
Warranty
3-year
Standard Compliance
Speed and Flow Control
Number of Ports
IEEE802.3/3u/3ab
10/100/1000 Mbps (Auto Sensing)
1 x RJ-45 (Auto MDIX)
Standard Compliance
Connector Type
Number of Ports
Feature
Hard Drive
Front : USB 3.0 / Rear : USB 2.0
A type
1 x USB2.0 / 1 x USB3.0
UPS*
Direct Copy
Speaker
Print Server
Data Card
-
-
-
-
-
-
*To be supported by planned firmware update



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com