| Electronic Components Datasheet Search |
|
LS421DE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LS421DE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() - Supports multiple formats, no reformatting required for external HDDs and SDXC flash memory - Plug & Play USB connectivity, no drivers or settings needed - USB3.0 external hard drive support - Print Server Features LS421DE LinkStation LS421DE NAS More storage plus WebAccess for remote access - Huge storage, up to 8 TB, diskless enclosure model - Latest processors for ultra-high data transfer speeds - Remote control from smart devices, including media content (Android/iOS) and BitTorrent (Android) - Simple WebUI interface and apps The LinkStation Network Attached Storage (NAS) is an incredibly powerful yet convenient way to link and manage data stored on computers, smartphones, tablets, and other devices. Easy to set up and use, the LinkStation features massive storage and is packed with convenient features for transferring files, streaming content, adding disks, backing up and protecting data, and more. With the latest-generation processors and technologies, the LinkStation achieves data transfer speeds of 80 MB/s or more (when DLNA feature is switched off; default DLNA setting is "Off"). Experience fast copies and videos, streamed content, and more, without the stalls or hiccups. The LS421DE diskless enclosure model allows users to construct RAID arrays using drives with their preferred storage capacities. With newer model smartphones and tablets featuring higher resolution cameras, these files can quickly fill up a mobile device's storage. Downloading WebAccess to the portable device makes it easy to transfer, save, and access files not only on the drive and home network, but also over the mobile network. The LS421DE works as a remote external HDD that can be accessed from anywhere, freeing up storage on mobile devices and increasing smartphone and tablet capacity. In addition to the WebAccess app, the LinkStation can connect with DLNA-supported TVs and consoles to search and play movies stored on the NAS. Use the Twonky Beam app to forward movies to TVs and big screens supporting DLNA (DMR). Files are accessed just like they are on a computer. BitTorrent, which speeds transfers by distributing large amounts of data over the Internet, can be used anywhere, anytime, and doesn't even require a computer by using "BitTorrent Remote" Android app. USB projectors, displays, and other USB devices easily just connect them and they are ready to use through the network. Interoperability with multiple devices This LinkStation includes a USB 3.0 port―plug a USB hard drive into the available USB port to expand the total capacity of your LinkStation unit. Additionally, this enclosure model (with drives not included) allows you to select your preferred drives and combine them as you like to achieve higher performance. Supports USB 3.0 port To add capacity, simply connect an external drive. External disks for backing up the LinkStation can be used just as easily. And the LinkStation supports the RAID 1 (mirroring) to automatically duplicate and protect your data if a disk should ever fail. And all LinkStation features are guaranteed to work. Reassurance and reliability Setting up new devices and new interfaces can be a hassle. The tile-based user interface uses icons, so navigating these processes is easy and fast. Users can also call up the advanced page to make custom settings to the parameters. Simple UI also provides advanced control Designed and built for high performance |
Similar Part No. - LS421DE |
|
Similar Description - LS421DE |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |