Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TL064CPWR Datasheet HTML 1Page - Texas Instruments TL064CPWR Datasheet HTML 2Page - Texas Instruments TL064CPWR Datasheet HTML 3Page - Texas Instruments TL064CPWR Datasheet HTML 4Page - Texas Instruments TL064CPWR Datasheet HTML 5Page - Texas Instruments TL064CPWR Datasheet HTML 6Page - Texas Instruments TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
2000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
VCM
Common-mode voltage
VCC– + 4
VCC+ – 4
V
TL06xM
–55
125
TL06xQ
–40
125
TA
Ambient temperature
°C
TL06xI
–40
85
TL06xC
0
70
6.4 Thermal Information - 8 Pins
TL06xx
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
PS (SO)
PW (TSSOP)
JG (CDIP)
UNIT
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJ Junction-to-ambient thermal
97
85
95
149
—
°C/W
A
resistance(2)(3)
RθJ
Junction-to-case (top) thermal
C(to
—
—
—
—
14.5
°C/W
resistance(4)(5)
p)
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
Maximum power dissipation is a function of TJ(max), RθJC, and TC. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TC) / RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with MIL-STD-883.
6.5 Thermal Information - 14 Pins
TL06xx
D (SOIC)
N (PDIP)
NS (SO)
PS (SO)
PW
J (CDIP)
W (CFP)
THERMAL METRIC(1)
UNIT
(TSSOP)
14 PINS
14 PINS
14 PINS
8 PINS
14 PINS
14 PINS
14 PINS
RθJ Junction-to-ambient thermal
113
86
80
76
95
—
—
°C/W
A
resistance(2)(3)
RθJ
Junction-to-case (top) thermal
C(to
—
—
—
—
—
15.05
14.65
°C/W
resistance(2)(3)
p)
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJC, and TC. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TC) / RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with MIL-STD-883.
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com