Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064CPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL064CPWR
Description  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL064CPWR Datasheet HTML 7Page - Texas Instruments TL064CPWR Datasheet HTML 8Page - Texas Instruments TL064CPWR Datasheet HTML 9Page - Texas Instruments TL064CPWR Datasheet HTML 10Page - Texas Instruments TL064CPWR Datasheet HTML 11Page - Texas Instruments TL064CPWR Datasheet HTML 12Page - Texas Instruments TL064CPWR Datasheet HTML 13Page - Texas Instruments TL064CPWR Datasheet HTML 14Page - Texas Instruments TL064CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
0.7
125
100
75
50
25
0
−25
−50
TA − Free-Air Temperature − °C
−75
0.8
0.9
1
1.1
1.2
1.3
1.02
1.01
1
0.99
0.98
0.97
1.03
VCC± = ±15 V
RL = 10 kΩ
f = B1 for Phase Shift
Unity-Gain Bandwidth
(left scale)
Phase Shift
(right scale)
Slew Rate
(left scale)
125
100
75
50
25
0
−25
0.01
−50
TA − Free-Air Temperature − °C
0.04
0.1
0.4
1
4
10
40
100
VCC± = ±15 V
−75
0
TA − Free-Air Temperature − °C
5
10
15
20
25
30
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
No Signal
No Load
TL064
TL062
TL061
81
125
100
75
50
25
0
−25
−50
TA − Free-Air Temperature − °C
−75
82
83
84
85
86
87
VCC± = ±15 V
RL = 10 kΩ
TA = 25°C
No Signal
No Load
0
0
2
4
6
8
10
12
14
16
50
100
150
200
250
|VCC±| − Supply Voltage − V
−75
0
TA − Free-Air Temperature − °C
50
100
150
200
250
VCC± = ±15 V
No Signal
No Load
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
www.ti.com
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
Figure 8. Supply Current vs Free-Air Temperature
Figure 7. Supply Current vs Supply Voltage
Figure 10. All Except TL06_C Common-Mode Rejection
Figure 9. Total Power Dissipation vs Free-Air Temperature
Ratio vs Free-Air Temperature
Figure 12. Input Bias Current vs Free-Air Temperature
Figure 11. Normalized Unity-Gain Bandwidth, Slew Rate,
and Phase Shift vs Free-Air Temperature
Copyright © 1978–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com