Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA552FA
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA Datasheet(HTML) 2 Page - Texas Instruments

  OPA552FA Datasheet HTML 1Page - Texas Instruments OPA552FA Datasheet HTML 2Page - Texas Instruments OPA552FA Datasheet HTML 3Page - Texas Instruments OPA552FA Datasheet HTML 4Page - Texas Instruments OPA552FA Datasheet HTML 5Page - Texas Instruments OPA552FA Datasheet HTML 6Page - Texas Instruments OPA552FA Datasheet HTML 7Page - Texas Instruments OPA552FA Datasheet HTML 8Page - Texas Instruments OPA552FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.1
Application Information............................................ 13
1
Features .................................................................. 1
8.2
Typical Application ................................................. 13
2
Applications ........................................................... 1
9
Power Supply Recommendations ...................... 17
3
Description ............................................................. 1
9.1
Power Supplies ....................................................... 17
4
Revision History..................................................... 2
10
Layout................................................................... 18
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 18
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 18
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Power Dissipation ................................................. 18
6.2
ESD Ratings ............................................................ 4
10.4
Safe Operating Area ............................................. 19
6.3
Recommended Operating Conditions ....................... 4
10.5
Heat Sinking ......................................................... 20
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 21
6.5
Electrical Characteristics: VS = ±30 V....................... 5
11.1
Device Support...................................................... 21
6.6
Typical Characteristics .............................................. 7
11.2
Documentation Support ....................................... 21
7
Detailed Description ............................................ 11
11.3
Community Resources.......................................... 21
7.1
Overview ................................................................. 11
11.4
Trademarks ........................................................... 21
7.2
Functional Block Diagram ....................................... 11
11.5
Electrostatic Discharge Caution ............................ 21
7.3
Feature Description................................................. 11
11.6
Glossary ................................................................ 21
7.4
Device Functional Modes........................................ 12
12
Mechanical, Packaging, and Orderable
8
Application and Implementation ........................ 13
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2003) to Revision B
Page
•
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
•
Changed package references throughout document: SO-8 to SOIC-8 and DDPAK-7 to DDPAK-7/TO-263 ....................... 1
•
Deleted lead temperature specifications from Absolute Maximum Ratings table ................................................................. 4
•
Deleted charged-device model (CDM) specification from ESD Ratings table ...................................................................... 4
2
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com