Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA552FA
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA552FA Datasheet HTML 9Page - Texas Instruments OPA552FA Datasheet HTML 10Page - Texas Instruments OPA552FA Datasheet HTML 11Page - Texas Instruments OPA552FA Datasheet HTML 12Page - Texas Instruments OPA552FA Datasheet HTML 13Page - Texas Instruments OPA552FA Datasheet HTML 14Page - Texas Instruments OPA552FA Datasheet HTML 15Page - Texas Instruments OPA552FA Datasheet HTML 16Page - Texas Instruments OPA552FA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
G = 1+
R
2
R
1
Z
L
R
2
R
1
0.1µF
10µF
OPA551
V–
V+
+
+
V
IN
10µF
0.1µF
V
O
Flag
(optional)
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Figure 27 shows the OPA551 connected as a basic noninverting amplifier. The OPA551 can be used in virtually
any operational amplifier configuration. The OPA552 is designed for use in configurations with gains of 5 or
greater. Power-supply terminals must be bypassed with 0.1-µF capacitors, or greater, near the power-supply
pins. Be sure that the capacitors are appropriately rated for the power-supply voltage used. The OPA55x can
supply output currents up to 200 mA with excellent performance.
8.2 Typical Application
Figure 27. Basic Circuit Connections
8.2.1 Design Requirements
•
Operate from power supplies between ±15 V to ±30 V
•
Drive passive and reactive loads up to 1 A
•
Drive large capacitive loads
•
Operate up to 125°C
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com