Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3033LSDQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3033LSDQ
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3033LSDQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3033LSDQ Datasheet HTML 1Page - Diodes Incorporated DMN3033LSDQ Datasheet HTML 2Page - Diodes Incorporated DMN3033LSDQ Datasheet HTML 3Page - Diodes Incorporated DMN3033LSDQ Datasheet HTML 4Page - Diodes Incorporated DMN3033LSDQ Datasheet HTML 5Page - Diodes Incorporated DMN3033LSDQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3033LSDQ
Document number: DS37965 Rev. 1 - 2
4 of 6
www.diodes.com
July 2015
© Diodes Incorporated
DMN3033LSDQ
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Q - TOTAL GATE CHARGE (nC)
Fig. 7 Gate Charge
g
I = 7A
D
I = 9A
D
Fig. 8 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
1
1.3
1.6
1.9
2.2
2.5
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 9 Diode Forward Voltage vs. Current
0.0001
0.001
0.01
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
Fig. 10 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) *
JA
R
R
= 105°C/W
JA
JA
P(pk)
t
1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com