Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3033LSNQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3033LSNQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3033LSNQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3033LSNQ Datasheet HTML 1Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 2Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 3Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 4Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 5Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN3033LSNQ
Document number: DS37997 Rev. 1 - 2
1 of 6
www.diodes.com
June 2015
© Diodes Incorporated
DMN3033LSNQ
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(on) max
ID
TA = +25°C
30V
30m
Ω @ VGS = 10V
6A
40m
Ω @ VGS = 4.5V
4A
Description and Applications
This new generation small-signal enhancement mode MOSFET
features low on-resistance and fast switching, making it ideal for high-
efficiency power management applications.
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Low Gate Charge
Low RDS(ON)
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP (Note 4)
Mechanical Data
Case: SC-59
Case Material -
Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.014 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMN3033LSNQ-7
SC-59
3,000/Tape & Reel
DMN3033LSNQ-13
SC-59
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_grade_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2007
…
2015
2016
2017
2018
2019
2020
2021
2022
Code
U
…
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SC-59
Top View
D
G
S
Pin Configuration
A5 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: U = 2007)
M = Month (ex: 9 = September)
A5
Equivalent Circuit
D
S
G


Similar Part No. - DMN3033LSNQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3033LSN DIODES-DMN3033LSN Datasheet
135Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31116 Rev. 5 - 2
logo
ZP Semiconductor
DMN3033LSN ZPSEMI-DMN3033LSN Datasheet
143Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3033LSN DIODES-DMN3033LSN Datasheet
161Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
DMN3033LSN-7 DIODES-DMN3033LSN-7 Datasheet
135Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31116 Rev. 5 - 2
DMN3033LSN-7 DIODES-DMN3033LSN-7 Datasheet
161Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
More results

Similar Description - DMN3033LSNQ

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com