Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3033LSNQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3033LSNQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3033LSNQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3033LSNQ Datasheet HTML 1Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 2Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 3Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 4Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 5Page - Diodes Incorporated DMN3033LSNQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3033LSNQ
Document number: DS37997 Rev. 1 - 2
3 of 6
www.diodes.com
June 2015
© Diodes Incorporated
DMN3033LSNQ
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
V
= 5V
Pulsed
DS
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8
10
12
14
16
18
20
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance vs. Drain Current and Gate Voltage
Fig. 4 Typical Total Capacitance
0
200
400
600
800
1,000
1,200
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Coss
Crss
f = 1 MHz
V
= 0V
GS
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (C)
A
Fig. 6 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= 10V
I = 6A
GS
D
V
= 4.5V
I = 5A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com