Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3312DV Datasheet(PDF) 20 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 16Page - STMicroelectronics UPSD3312DV Datasheet HTML 17Page - STMicroelectronics UPSD3312DV Datasheet HTML 18Page - STMicroelectronics UPSD3312DV Datasheet HTML 19Page - STMicroelectronics UPSD3312DV Datasheet HTML 20Page - STMicroelectronics UPSD3312DV Datasheet HTML 21Page - STMicroelectronics UPSD3312DV Datasheet HTML 22Page - STMicroelectronics UPSD3312DV Datasheet HTML 23Page - STMicroelectronics UPSD3312DV Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Pin descriptions
UPSD33xx
20/272
Doc ID 9685 Rev 7
2
Pin descriptions
Figure 2.
LQFP52 connections
1.
For 5 V applications, VDD must be connected to a 5.0 V source. For 3.3 V applications, VDD must be connected to a 3.3 V
source.
2.
These signals can be used on one of two different ports (Port 1 or Port 4) for flexibility. Default is Port1.
3.
AVREF and 3.3 V AVCC are shared in the 52-pin package only. ADC channels must use AVCC as AVREF for the 52-pin
package.
39 P1.5/SPIRXD(2)/ADC5
38 P1.4/SPICLK(2)/ADC4
37 P1.3/TXD1(IrDA)(2)/ADC3
36 P1.2/RXD1(IrDA)(2)/ADC2
35 P1.1/T2X(2)/ADC1
34 P1.0/T2(2)/ADC0
33 VDD
(1)
32 XTAL2
31 XTAL1
30 P3.7/SCL
29 P3.6/SDA
28 P3.5/C1
27 P3.4/C0
PD1/CLKIN
PC7
JTAG TDO
JTAG TDI
DEBUG
3.3V VCC
PC4/TERR
VDD
(1)
GND
PC3/TSTAT
PC2
JTAG TCK
JTAG TMS
1
2
3
4
5
6
7
8
9
10
11
12
13
AI07822b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com