Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPI-L06 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPI-L06
Description  Photointerrupter(Transmissive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI-L06 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPI-L06 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI-L06 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• PWB direct mount type
APPLICATIONS
• Printers
• Copiers
• A T M
• Ticket Vending Machines
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃)
1/2
CT
f=1KHz
Parameter
Reverse Current
V
0.4
-
-
Unit
DESCRIPTION
a high sensitivity phototransistor.
• GAP : 5.0mm
• Easy to mount
℃
MAX.
VR=5V
1.7
-
TYP.
1.2
-
-
KPI-L06
KPI-L06 combines a high-output GaAs IRED with
DIMENSIONS
The photointerrupter high-performance standard type
100
V
µA
10
nA
nm
-
-
PF
940
-
25
-
-
MIN.
µs
µs
-
5
-
5
-
-
15
?P
tr
tf
VCE(SAT)
ICEO
IF=20mA, IC=0.1mA
VCC=5V, IC=2mA,
RL=100Ω
-
Coupled
Rise Time
Response Time
Fall Time
Collector Emitter Saturation Voltage
1
60
Dark Current
Input
Peak Wavelength
Output
Capacitance
Forward Voltage
IF=20mA
VCE=5V, 0 Lux
Symbol
Input
Unit
100
mW
mA
V
A
Rating
5
℃
-20 ~ +85
100
Emitter Collector Voltage
V
V
30
5
VECO
Forward Current
Reverse Voltage
Pulse Forward Current
*1
Power Dissipation
Collector Current
Storage Temperature
*2
TSTG
Collector Power Dissipation
Output
Collector Emitter Voltage
TSOL
Soldering Temperature
*3
*2. No icebound or dew
IF
VR
IFP
PC
VCEO
PD
40
mA
IR
Symbol
VF
Conditions
IF=20mA
260
-30 ~ +85
mW
℃
Parameter
*1. Pulse width : tw≤100µsec.period : T=10msec
*3. For MAX. 5 seconds at the position of 1mm from the package
Photointerrupter(Transmissive)
Operating Temperature
*2
TOPR
IC
mA
Light Current
IL
VCE=5V, IF= 20mA (Non-shading)
0.5
-


Similar Part No. - KPI-L06

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPI-L05 KODENSHI-KPI-L05 Datasheet
54Kb / 2P
Photointerrupter(Transmissive)
More results

Similar Description - KPI-L06

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KIT-1001A KODENSHI-KIT-1001A Datasheet
63Kb / 2P
Photointerrupter(Transmissive)
KPI-23FTH KODENSHI-KPI-23FTH Datasheet
63Kb / 2P
Photointerrupter(Transmissive)
KPI-210C KODENSHI-KPI-210C Datasheet
77Kb / 4P
Photointerrupter(Transmissive)
KPI-211 KODENSHI-KPI-211 Datasheet
61Kb / 4P
Photointerrupter(Transmissive)
KPI-261D KODENSHI-KPI-261D Datasheet
60Kb / 2P
Photointerrupter(Transmissive)
KPI-511 KODENSHI-KPI-511 Datasheet
55Kb / 2P
Photointerrupter(Transmissive)
KPI-512 KODENSHI-KPI-512 Datasheet
59Kb / 2P
Photointerrupter(Transmissive)
KPI-L05 KODENSHI-KPI-L05 Datasheet
54Kb / 2P
Photointerrupter(Transmissive)
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9300 AVAGO-AEDS-9300 Datasheet
168Kb / 6P
Transmissive Photointerrupter
logo
KODENSHI_AUK CORP.
KPI23FTH KODENSHI-KPI23FTH Datasheet
75Kb / 2P
Photointerrupter(Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com