Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPI-L06 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPI-L06
Description  Photointerrupter(Transmissive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI-L06 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPI-L06 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI-L06 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photointerrupter(Transmissive)
2/2
KPI-L06
Input
Moving distance(L)
10
10
L
Road Resistance(R )
10
tf
2
10
3
10
1
2
tr
4
( )
Ω
0
-2
50
Method of measuring position
detection characteristic
0
+
-
0
+2
-2
+2
0
(mm)
Optical Axis(X)
Output
td
tr
tf
90%
10%
Ambient temperature(Ta)
Forward voltage(V )
100
(㎲)
10
I =10mA
V =5V
Ta=25˚
3
F
CC
C
100
(%) X
0
0
-20
50
50
0
(%)
Ambient temperature(Ta)
40
20
0
60
80
(℃)
0
0
0.5
50
Response time measurement circuit
Ambient temperature(Ta)
C
Ta=25˚
I =10mA
F
CC
V
=5V
Y
C
Ta=25˚
I =10mA
F
V
=5V
CC
Input
IC
20
0
40
(℃)
60
10
-1
10
0
40
20
60
0
10
1
CC
V
RL
VOUT
(℃)
100
80
I =20mA
F
CE
V =5V
(nA)
10
2
1.0
1.5
(V)
2.0
F
V =10V
CE
(㎽)
100
(㎃)
100
Ta=25˚
C
I =30mA
I =20mA
I =10mA
Collector-Emitter Voltage(V )
2
2
4
0
0
1
CE
F
F
8
10
6
F
12 (V)
I =40mA
I =50mA
5
3
4
(㎃)
Ta=25˚
F
F
C
Forward Current(I )
0
1
2
0
10
20
F
(mA)
40
30
(㎃)
3
4
V =5V
Ta=25˚
CE
C
0
0
50
1 00
(㎽)
60
Ambient temperature(Ta)
20
40
80 (℃)
Collector power dissipation Vs.
Ambient temparature
Forward current Vs.
Forward voltage
Light current Vs.
Forward current
Light current Vs.
Collentor-Emitter voltage
Relative light current Vs.
Ambient temperature
Dark current Vs.
Ambient temperature
Switching time Vs.
Load resistance
Relative light current Vs.
Moving distance
Ambient temperature(Ta)
Forward voltage( VF)
Forward Current( IF )
Collector-Emitter Voltage( VCE )
Ambient temperature( Ta )
Load Resistance( RL )
Moving distance( L )
detection characteristic
Method of measuring position
Response time measurement circuit
Optical Axis(X)
Ambient temperature( Ta )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com