Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC191F Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC191F
Description  Up/Down Counter with Preset and Ripple Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC191F Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54AC191F Datasheet HTML 2Page - National Semiconductor (TI) 54AC191F Datasheet HTML 3Page - National Semiconductor (TI) 54AC191F Datasheet HTML 4Page - National Semiconductor (TI) 54AC191F Datasheet HTML 5Page - National Semiconductor (TI) 54AC191F Datasheet HTML 6Page - National Semiconductor (TI) 54AC191F Datasheet HTML 7Page - National Semiconductor (TI) 54AC191F Datasheet HTML 8Page - National Semiconductor (TI) 54AC191F Datasheet HTML 9Page - National Semiconductor (TI) 54AC191F Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DC Characteristics for ’AC Family Devices (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
ICC for 54AC @ 25˚C is identical to 74AC @ 25˚C.
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
to +125˚C
C
L = 50 pF
Fig.
No.
Symbol
Parameter
(V)
Units
(Note 5)
Min
Max
f
max
Maximum Count
3.3
55
MHz
Frequency
5.0
80
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
CP to Q
n
5.0
1.0
12.0
t
PHL
Propagation Delay
3.3
1.0
16.0
ns
CP to Q
n
5.0
1.0
12.0
t
PLH
Propagation Delay
3.3
1.0
19.5
ns
CP to TC
5.0
1.0
14.0
t
PHL
Propagation Delay
3.3
1.0
19.0
ns
CP to TC
5.0
1.0
14.5
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
CP to RC
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
12.5
ns
CP to RC
5.0
1.0
9.5
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
CE to RC
5.0
1.0
10.0
t
PHL
Propagation Delay
3.3
1.0
12.5
ns
CE to RC
5.0
1.0
9.5
t
PLH
Propagation Delay
3.3
1.0
14.5
ns
U/D to RC
5.0
1.0
11.0
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
U/D to RC
5.0
1.0
11.0
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
U/D to TC
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
13.5
ns
U/D to TC
5.0
1.0
10.0
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
P
n to Qn
5.0
1.0
11.5
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
P
n to Qn
5.0
1.0
10.5
t
PLH
Propagation Delay
3.3
1.0
18.0
ns
PL to Q
n
5.0
1.0
12.5
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
PL to Q
n
5.0
1.0
11.5
Note 5: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com