Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC191F Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC191F
Description  Up/Down Counter with Preset and Ripple Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC191F Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54AC191F Datasheet HTML 2Page - National Semiconductor (TI) 54AC191F Datasheet HTML 3Page - National Semiconductor (TI) 54AC191F Datasheet HTML 4Page - National Semiconductor (TI) 54AC191F Datasheet HTML 5Page - National Semiconductor (TI) 54AC191F Datasheet HTML 6Page - National Semiconductor (TI) 54AC191F Datasheet HTML 7Page - National Semiconductor (TI) 54AC191F Datasheet HTML 8Page - National Semiconductor (TI) 54AC191F Datasheet HTML 9Page - National Semiconductor (TI) 54AC191F Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Operating Requirements
Symbol
Parameter
V
CC
(V)
(Note 6)
54AC
Units
Fig.
No.
T
A = −55˚C
to +125˚C
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
3.3
4.0
ns
P
n to PL
5.0
3.0
t
h
Hold Time, HIGH or LOW
3.3
1.5
ns
P
n to PL
5.0
2.0
t
s
Setup Time, LOW
3.3
9.0
ns
CE to CP
5.0
6.0
t
h
Hold Time, LOW
3.3
0
ns
CE to CP
5.0
0.5
t
s
Setup Time, HIGH or LOW
3.3
10.5
ns
U/D to CP
5.0
7.5
t
h
Hold Time, HIGH or LOW
3.3
0
ns
U/D to CP
5.0
1.0
t
w
PL Pulse Width, LOW
3.3
5.0
ns
5.0
5.0
t
w
CP Pulse Width, LOW
3.3
6.0
ns
5.0
6.0
t
rec
Recovery Time
3.3
1.5
ns
PL to CP
5.0
1.0
Note 6: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
75.0
pF
V
CC = 5.0V
Capacitance
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com