Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3012 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments REF3012 Datasheet HTML 17Page - Texas Instruments REF3012 Datasheet HTML 18Page - Texas Instruments REF3012 Datasheet HTML 19Page - Texas Instruments REF3012 Datasheet HTML 20Page - Texas Instruments REF3012 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
OUT
GND
IN
C
C
REF30xx
To ADC
To Input Power Supply
Via to Ground Plane
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
10 Power Supply Recommendations
The REF30xx family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50 mV above the output voltage. For loaded reference conditions, a typical dropout voltage
versus load is shown in the front page plot, Dropout Voltage vs Load Current. Use a supply bypass capacitor
greater than 0.47 µF.
11 Layout
11.1 Layout Guidelines
Figure 34 illustrates an example of a printed circuit board (PCB) layout using the REF30xx. Some key
considerations are:
Connect low-ESR, 0.1-
μF ceramic bypass capacitors at VIN of the REF30xx
Decouple other active devices in the system per the device specifications
Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring
Minimize trace length between the reference and bias connections to the INA and ADC to reduce noise
pickup
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary
11.2 Layout Example
Figure 34. Layout Example
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com