Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3012 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 8Page - Texas Instruments REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments REF3012 Datasheet HTML 11Page - Texas Instruments REF3012 Datasheet HTML 12Page - Texas Instruments REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Output Pin
Meter
V
OUT
+
Sense Line
Force Line
Load
I
L
Contact and
Trace Resistance
PRE
POST
6
HYST
NOM
abs V
V
V
=
• 10 (ppm)
V
æ
ö
-
ç
÷
ç
÷
è
ø
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
8.3.2 Thermal Hysteresis
Thermal hysteresis for the REF30xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C, and can be expressed
as shown in Equation 1:
where
VHYST = Calculated hysteresis
VPRE = Output voltage measured at 25°C pretemperature cycling
VPOST = Output voltage measured when device has been operated at 25°C, cycled through specified range of
–40°C to +125°C, and returned to operation at 25°C.
(1)
8.3.3 Temperature Drift
The REF30xx exhibits minimal drift error, defined as the change in output voltage over varying temperature.
Using the box method of drift measurement, the REF30xx features a typical drift coefficient of 20 ppm from 0°C
to 70°C, the primary temperature range of use for many applications. For industrial temperature ranges of –40°C
to +125°C, the REF30xx family drift increases to a typical value of 50 ppm.
8.3.4 Noise Performance
The REF30xx generates noise less than 50
μVPP between frequencies of 0.1 Hz to 10 Hz, and can be seen in
Figure 20 The noise voltage of the REF30xx increases with output voltage and operating temperature. Additional
filtering may be used to improve output noise levels; however, ensure the output impedance does not degrade ac
performance.
8.3.5 Long-Term Stability
Long-term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses as is apparent by the long term stability curves. The typical drift value for
the REF30xx is 24 ppm from 0 hours to 1000 hours, and 15 ppm from 1000 hours to 2000 hours. This parameter
is characterized by measuring 30 units at regular intervals for a period of 2000 hours.
8.3.6 Load Regulation
Load regulation is defined as the change in output voltage as a result of changes in load current. Load regulation
for the REF30xx is measured using force and sense contacts as shown in Figure 25. The force and sense lines
tied to the contact area of the output pin reduce the impact of contact and trace resistance, resulting in accurate
measurement of the load regulation contributed solely by the REF30xx. For applications requiring improved load
regulation, use force and sense lines.
Figure 25. Accurate Load Regulation of REF30xx
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com