Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5040IDRG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040IDRG4
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5040IDRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF5040IDRG4 Datasheet HTML 15Page - Texas Instruments REF5040IDRG4 Datasheet HTML 16Page - Texas Instruments REF5040IDRG4 Datasheet HTML 17Page - Texas Instruments REF5040IDRG4 Datasheet HTML 18Page - Texas Instruments REF5040IDRG4 Datasheet HTML 19Page - Texas Instruments REF5040IDRG4 Datasheet HTML 20Page - Texas Instruments REF5040IDRG4 Datasheet HTML 21Page - Texas Instruments REF5040IDRG4 Datasheet HTML 22Page - Texas Instruments REF5040IDRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
ADS8326
REF5040
OPA365
ESR
47µF
10µF
REFIN
CS
CLK
SDO
1nF
0-4V
124
Ÿ
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
Data acquisition systems often require stable voltage references to maintain accuracy. The REF50xx family
features low noise, very low drift, and high initial accuracy for high-performance data converters. Figure 42
shows the REF5040 in a basic data acquisition system.
10.2 Typical Applications
10.2.1 16-bit, 250-KSPS Data Acquisition System
Figure 42. Complete Data Acquisition System Using REF50xx
10.2.1.1 Design Requirements
When using REF50xx in the design, it is important to select proper output capacitor that does not create gain
peaking which increases total system noise. At the same time, the capacitor must be selected to provide required
filtering performance for the system. In addition, input bypass capacitor and noise reduction capacitors must be
added for optimum performances. During the design of the data acquisition system, equal consideration must be
given to the buffering analog input signal as well as the reference voltage. Having a properly designed input
buffer with an associated RC filter is a necessary requirement for good performance of the Data Acquisition
System.
10.2.1.2 Detailed Design Procedure
The OPA365 is used to drive the 16-bit Analog to Digital Converter (ADS8326). The RC filter at the output of the
OPA365 is used to reduce the charge kick-back created by the opening and closing of the sampling switch inside
the ADC. The RC filter should be designed such that the voltage at the sampling capacitor settles to 16-bit
accuracy within the acquisition time of the ADC. The bandwidth of the driving amplifier should at least be 4 times
the bandwidth of the RC filter.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com