Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5040IDRG4 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040IDRG4
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5040IDRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF5040IDRG4 Datasheet HTML 16Page - Texas Instruments REF5040IDRG4 Datasheet HTML 17Page - Texas Instruments REF5040IDRG4 Datasheet HTML 18Page - Texas Instruments REF5040IDRG4 Datasheet HTML 19Page - Texas Instruments REF5040IDRG4 Datasheet HTML 20Page - Texas Instruments REF5040IDRG4 Datasheet HTML 21Page - Texas Instruments REF5040IDRG4 Datasheet HTML 22Page - Texas Instruments REF5040IDRG4 Datasheet HTML 23Page - Texas Instruments REF5040IDRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
www.ti.com
Typical Applications (continued)
The REF5040 is used to drive the REF pin of the ADS8326. Proper selection of Voltage Reference output
capacitor is very important for this design. Very Low ESR creates gain-peaking which degrades SNR of the total
system. If the ESR of the capacitor is not enough, then an additional resistor must be added in series with the
output capacitor. A capacitance of 1
μF can be connected to the NR pin to reduce bandgap noise of the
REF50xx.
SNR Measurements using different RC filters at the output of OPA365, different values of output capacitor for the
REF50xx and different values of capacitors at the TRIM/NR pin are shown in Table 1.
Table 1. Data Acquisition Measurement Results for Different Conditions
TEST CONDITION 1
TEST CONDITION 2
TEST CONDITION 3
OPA365 RC filter
124
Ω, 1 nF
124
Ω, 1 nF
124
Ω, 100 μF
REF5040 Output
10
μF
10
μF + 47 μF
10
μF + 47 μF
capacitor
TRIM /NR pin
0
μF
1
μF
1
μF
capacitor
SNR
86.7 dB
92.8 dB
95
10.2.1.3 Application Curve
Figure 43. FFT plot- Noise floor of Data Acquisition system
20
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com