Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045ID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5045ID Datasheet HTML 6Page - Texas Instruments REF5045ID Datasheet HTML 7Page - Texas Instruments REF5045ID Datasheet HTML 8Page - Texas Instruments REF5045ID Datasheet HTML 9Page - Texas Instruments REF5045ID Datasheet HTML 10Page - Texas Instruments REF5045ID Datasheet HTML 11Page - Texas Instruments REF5045ID Datasheet HTML 12Page - Texas Instruments REF5045ID Datasheet HTML 13Page - Texas Instruments REF5045ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
-100
-50
0
50
100
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
Hours
C001
-250
-200
-150
-100
-50
0
50
100
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Hours
C001
-200
-150
-100
-50
0
50
100
0
100
200
300
400
500
600
700
800
900 1000
Hours
C001
100 s/div
m
V
OUT
V
IN
5mV/div
500mV/div
100 s/div
m
-10mA
-10mA
+10mA
I
LOAD
V
OUT
2mV/div
10mA/div
20ms/div
V
OUT
V
IN
5mV/div
500mV/div
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2 V, unless otherwise noted. For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7
V.
(CL = 10 μF, IOUT = 10 mA)
(CL = 1 μF)
Figure 19. Load Transient
Figure 20. Line Transient
(CL = 10 μF)
MSOP-8
Figure 21. Line Transient
Figure 22. REF50xx Long-Term Stability (First 1000 Hours)
MSOP-8
MSOP-8
Figure 23. REF50xx Long-Term Stability (Second 1000
Figure 24. REF50xx Long-Term Stability (2000 Hours)
Hours)
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com