Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045ID Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045ID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045ID Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF5045ID Datasheet HTML 11Page - Texas Instruments REF5045ID Datasheet HTML 12Page - Texas Instruments REF5045ID Datasheet HTML 13Page - Texas Instruments REF5045ID Datasheet HTML 14Page - Texas Instruments REF5045ID Datasheet HTML 15Page - Texas Instruments REF5045ID Datasheet HTML 16Page - Texas Instruments REF5045ID Datasheet HTML 17Page - Texas Instruments REF5045ID Datasheet HTML 18Page - Texas Instruments REF5045ID Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
R5
60kW
REF50xx
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10 A
m
at+25 C)
°
R2
R1
R3
R4
10kW
1kW
1.2V
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
9 Detailed Description
9.1 Overview
The REF50xx is family of low-noise, precision bandgap voltage references that are specifically designed for
excellent initial voltage accuracy and drift. See Functional Block Diagram for a simplified block diagram of the
REF50xx.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Temperature Monitoring
The temperature output terminal (TEMP, pin 3) provides a temperature-dependent voltage output with
approximately 60-k
Ω source impedance. As seen in Figure 8, the output voltage follows the nominal relationship:
VTEMP PIN = 509 mV + 2.64 × T(°C)
(1)
This pin indicates general chip temperature, accurate to approximately ±15°C. Although it is not generally
suitable for accurate temperature measurements, it can be used to indicate temperature changes or for
temperature compensation of analog circuitry. A temperature change of 30°C corresponds to an approximate 79-
mV change in voltage at the TEMP pin.
The TEMP pin has high-output impedance (see Functional Block Diagram). Loading this pin with a low-
impedance circuit induces a measurement error; however, it does not have any effect on VOUT accuracy.
To avoid errors caused by low-impedance loading, buffer the TEMP pin output with a suitable low-temperature
drift op amp, such as the OPA333, OPA335, or OPA376, as shown in Figure 37.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com