Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D82ILPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D82ILPR
Description  Precision Micropower Shunt Voltage Reference
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040D82ILPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4040D82ILPR Datasheet HTML 17Page - Texas Instruments LM4040D82ILPR Datasheet HTML 18Page - Texas Instruments LM4040D82ILPR Datasheet HTML 19Page - Texas Instruments LM4040D82ILPR Datasheet HTML 20Page - Texas Instruments LM4040D82ILPR Datasheet HTML 21Page - Texas Instruments LM4040D82ILPR Datasheet HTML 22Page - Texas Instruments LM4040D82ILPR Datasheet HTML 23Page - Texas Instruments LM4040D82ILPR Datasheet HTML 24Page - Texas Instruments LM4040D82ILPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
DVZ
DIZ
LM4040A10, LM4040A20
www.ti.com
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
7.20 LM4040C82I, LM4040D82I Electrical Characteristics
at industrial temperature range, full-range TA = –40°C to 85°C (unless otherwise noted)
LM4040C82I
LM4040D82I
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown voltage
IZ = 150 μA
25°C
8.192
8.192
V
25°C
–41
41
–82
82
Reverse breakdown voltage
ΔVZ
IZ = 150 μA
mV
tolerance
Full range
–94
94
–162
162
25°C
67
106
67
111
IZ,min
Minimum cathode current
μA
Full range
110
115
IZ = 10 mA
25°C
±40
±40
25°C
±20
±20
Average temperature coefficient
αVZ
IZ = 1 mA
ppm/°C
of reverse breakdown voltage
Full range
±100
±150
IZ = 150 μA
25°C
±20
±20
25°C
0.6
1.3
0.6
1.7
IZ,min < IZ < 1 mA
Reverse breakdown voltage
Full range
2.5
3
change with cathode current
mV
25°C
7
10
7
15
change
1 mA < IZ < 15 mA
Full range
18
24
IZ = 1 mA, f = 120 Hz,
ZZ
Reverse dynamic impedance
25°C
0.6
1.5
0.6
1.9
Ω
IAC = 0.1 IZ
IZ = 150 μA,
eN
Wideband noise
25°C
130
130
μVRMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of reverse
TA = 25°C ± 0.1°C,
120
120
ppm
breakdown voltage
IZ = 150 μA
VHYST
Thermal hysteresis(1)
ΔTA = –40°C to 125°C
0.08%
0.08%
—
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4040A10 LM4040A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com