Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D82ILPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D82ILPR
Description  Precision Micropower Shunt Voltage Reference
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040D82ILPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM4040D82ILPR Datasheet HTML 25Page - Texas Instruments LM4040D82ILPR Datasheet HTML 26Page - Texas Instruments LM4040D82ILPR Datasheet HTML 27Page - Texas Instruments LM4040D82ILPR Datasheet HTML 28Page - Texas Instruments LM4040D82ILPR Datasheet HTML 29Page - Texas Instruments LM4040D82ILPR Datasheet HTML 30Page - Texas Instruments LM4040D82ILPR Datasheet HTML 31Page - Texas Instruments LM4040D82ILPR Datasheet HTML 32Page - Texas Instruments LM4040D82ILPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
DBZ
(TOP VIEW)
1
CATHODE
2
3
ANODE
Rsup
Vsup
CL
GND
GND
LM4040A10, LM4040A20
www.ti.com
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
10 Power Supply Recommendations
In order to not exceed the maximum cathode current, be sure that the supply voltage is current limited.
For applications shunting high currents (15 mA max), pay attention to the cathode and anode trace lengths,
adjusting the width of the traces to have the proper current density.
11 Layout
11.1 Layout Guidelines
Figure 10 shows an example of a PCB layout of LM4040XXXDBZ. Some key Vref noise considerations are:
•
Connect a low-ESR, 0.1-
μF (CL) ceramic bypass capacitor on the cathode pin node.
•
Decouple other active devices in the system per the device specifications.
•
Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup.
•
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
•
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible and only make perpendicular crossings when absolutely necessary.
11.2 Layout Example
Figure 10. DBZ Layout example
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM4040A10 LM4040A20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com