Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-019-141-411-R Datasheet(PDF) 2 Page - API Delevan

Part # SD-019-141-411-R
Description  Surface-Mount Filtered Photodiode Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SD-019-141-411-R Datasheet(HTML) 2 Page - API Delevan

  SD-019-141-411-R Datasheet HTML 1Page - API Delevan SD-019-141-411-R Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface-Mount Filtered Photodiode
Assembly
SD 019-141-411-R
-G
-B
WWW.ADVANCEDPHOTONIX.COM
Precision
– Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 03-24-15
© 2015 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
AdvancedPhotonix,Inc.
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C unless noted otherwise
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
If=10 mA
0.5
0.8
1.3
V
Responsivity (-R)
VR = 0V;  = 450 nm
-
0.06
-
A/W
Responsivity (-G)
VR = 0V;  = 550 nm
-
0.12
-
A/W
Responsivity (-B)
VR = 0V;  = 625 nm
-
0.05
-
A/W
Breakdown Voltage
IR = 100 A
50.0
-
-
V
Shunt Resistance
V bias = 10 mV
-
2.0
-
G
Dark Current
VR = 10 V
-
-
0.5
nA
Junction Capacitance
VR = 5V; f = 1000 kHz
-
6.0
-
pF
Rise Time
VR = 3V; Ri= 1000
-
10.0
-
nS
TYPICAL PERFORMANCE
SPECTRAL RESPONSE
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
300
400
500
600
700
800
Wavelenght, nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com