Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-019-141-411-R Datasheet(PDF) 1 Page - API Delevan

Part # SD-019-141-411-R
Description  Surface-Mount Filtered Photodiode Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SD-019-141-411-R Datasheet(HTML) 1 Page - API Delevan

  SD-019-141-411-R Datasheet HTML 1Page - API Delevan SD-019-141-411-R Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface-Mount Filtered Photodiode
Assembly
SD 019-141-411-R
-G
-B
WWW.ADVANCEDPHOTONIX.COM
Precision
– Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 03-24-15
© 2015 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
AdvancedPhotonix,Inc.
DESCRIPTION
FEATURES
The SD019-141-411 is a is a silicon PIN 0.18mm² active area photodiode
assembled in a 0805 package with an integrated bandpass filter. Three
standard wavelength ranges are available
 Small Footprint
 Low Capacitance
 High Speed
RELIABILITY
APPLICATIONS
This API high-reliability detector is in principle able to meet military test
requirements (Mil-STD-750, Mil-STD-883) after proper screening and
group test.
Contact API for recommendations on specific test conditions and
procedures.
 Industrial Sensors
 Light Management
 Handheld Devices
ABSOLUTE MAXIMUM RATINGS
Ta = 25°C UNLESS OTHERWISE NOTED
PARAMETER
MIN
MAX
UNITS
Reverse Voltage
-
50
V
Operating Temperature
-40
+105
°C
Storage Temperature
-50
+125
°C
Soldering Temperature*
-
+260
°C
PART NUMBER
BAND PASS
RANGE [nm]
SD019-141-411 - R
Red
625
– 655
SD019-141-411 - G
Green
510
– 540
SD019-141-411 - B
Blue
435
– 465


Similar Part No. - SD-019-141-411-R

ManufacturerPart #DatasheetDescription
logo
API Delevan
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
Surface-Mount Photodiode Assembly
More results

Similar Description - SD-019-141-411-R

ManufacturerPart #DatasheetDescription
logo
API Delevan
SD-019-111-411 API-SD-019-111-411 Datasheet
321Kb / 2P
Surface-Mount Photodiode Assembly
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
Surface-Mount Photodiode Assembly
SD-040-101-411 API-SD-040-101-411 Datasheet
403Kb / 2P
Surface-Mount Photodiode Assembly
SD-040-111-411 API-SD-040-111-411 Datasheet
397Kb / 2P
Surface-Mount Photodiode Assembly
logo
List of Unclassifed Man...
SD019-111-411 ETC2-SD019-111-411 Datasheet
138Kb / 2P
Surface-Mount Photodiode Assembly
SD040-101-411 ETC2-SD040-101-411 Datasheet
166Kb / 2P
Surface-Mount Photodiode Assembly
logo
Luna Innovations Incorp...
SD019-111-411 LUNA-SD019-111-411 Datasheet
138Kb / 2P
Surface-Mount Photodiode Assembly
SD040-101-411 LUNA-SD040-101-411 Datasheet
166Kb / 2P
Surface-Mount Photodiode Assembly
SD040-111-411 LUNA-SD040-111-411 Datasheet
162Kb / 2P
Surface-Mount Photodiode Assembly
SD019-141-411-IR920 LUNA-SD019-141-411-IR920 Datasheet
429Kb / 3P
Surface-Mount Photodiode Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com