Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1382 Datasheet(PDF) 12 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 12 Page - ams AG

Back Button AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG AS1382 Datasheet HTML 14Page - ams AG AS1382 Datasheet HTML 15Page - ams AG AS1382 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-04] 2015-Jun-19
AS1382 − Application Information
The Resistor values for the circuit shown above can be
calculated with the following equation:
The output voltage can be adjusted by selecting different
values for R1 and R2. For R2 a value between 10k
Ω and 50kΩ is
recommended. To minimize current to FB pin it is
recommended to keep sum of R1 and R2 below 100 kΩ. It is also
recommended to keep VIN 500mV higher than VOUT.
An optional feedback capacitor (CFB) can be added in parallel
with R1 to reduce output ripple. Typical value for the CFB is
below 300pF
PCB Layout
Long printed circuit tracks can generate additional ripple and
noise that mask correct operation and prove difficult to
“de-bug” during production testing. Thus the input loop formed
by CIN, VIN and GND pins should be minimized. Similarly, the
output loop formed by COUT, VOUT and GND should also be
minimized. Figure 16 shows a PCB layout example for the
AS1382.
Figure 16:
PCB Layout Example For The Adjustable Variant
(EQ1)
VOUT
0.58V
1
R1
R2
------
+
×
=
A1
A2
B1
B2
C1
C2
Vin
En
SW
FB
GND
L
1 uH
2.5mm x 2.0mm
Mode
Vout
R2
Cout
10 uF
1.6mm x 0.8mm
Cin
4.7 uF
1.6mm x
0.8mm
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com