Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1382 Datasheet(PDF) 15 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 15 Page - ams AG

Back Button AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG AS1382 Datasheet HTML 14Page - ams AG AS1382 Datasheet HTML 15Page - ams AG AS1382 Datasheet HTML 16Page - ams AG AS1382 Datasheet HTML 17Page - ams AG AS1382 Datasheet HTML 18Page - ams AG AS1382 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ams Datasheet
Page 15
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Ordering & Contact Information
Figure 20:
Ordering Information
Ordering Information: Specifies the available variants of the AS1382
Note(s) and/or Footnote(s):
1. Available upon request
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Marking
Output
Description
Delivery
Form
Package
AS1382-BWLT-ES
ABZ
Manually programmed
engineering sample
T & R
6-pin WL-CSP
AS1382C-BWLT-AD
AA6
Adjustable
2MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
AS1382A-BWLT-AD
ACD
Adjustable
4MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
AS1382A-BWLT-10 (1)
AA7
1.0V
4MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
AS1382A-BWLT-12 (1)
ABW
1.2V
4MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
AS1382A-BWLT-15 (1)
ABX
1.5V
4MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
AS1382C-BWLT-18
ABY
1.8V
2MHz, 1A Synchronous
DCDC Converter
T & R
6-pin WL-CSP
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com